Part Number Hot Search : 
3224A SM7744DW 15N120 XMEGA CTP4407 PRODUCTS MC34929 01900
Product Description
Full Text Search
 

To Download EKI-7656CI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EKI-7656C/CI
16+2G Combo Port Gigabit Managed Redundant Industrial Ethernet Switch
Features
2 Gigabit Copper/SFP combo ports, plus 16 Fast Ethernet ports SFP socket for Easy and Flexible Fiber Expansion Redundancy: Gigabit X-Ring (ultra high-speed recovery time < 10 ms), RSTP/STP (802.1w/1D) Management: Web, Telnet, Serial Console, SNMP Control: VLAN/GVRP, QOS, IGMP Snooping/Query, LACP, Rate Limit Security: IP/MAC and port binding, DHCP Server, IP access list, 802.1X, SNMPv3 Diagnostic: Port Statistic, Port Mirroring, RMON, Trap, Email Alert, Syslog Dual 12 ~ 48 VDC power inputs and 1 relay output Supports wide operating temperatures from -40 ~ 75 C (EKI-7656CI)
RoHS
2002/95/EC
COMPLIANT
Introduction
EKI-7656C supports 16 Fast Ethernet ports and 2 Gigabit combo ports. To create reliability in your network, the EKI-7656C comes equipped with a proprietary redundant network protocol -- X-Ring that was developed by Advantech, which provides users with an easy way to establish a redundant Ethernet network with ultra high-speed recovery time less than 10 ms. Furthermore, EKI-7656C also supports many advanced network standards to optimize network performance, ease maintenance issues, and secure network safety.
Specifications
Communications
Standard IEEE 802.3, 802.3u, 802.3x, 802.3z, 802.1D, 802.1w, 802.1p, 802.1Q, 802.1X, 802.3ad, 802.3ab LAN 10/100/1000Base-T(X), Optional 100Base-FX, 1000Base-SX/LX/LHX/XD/ZX/EZX Transmission Distance Ethernet: Up to 100 m (4- wire Cat.5e, Cat.6 RJ-45 cable suggested for Gigabit port) Transmission Speed Ethernet: 10/100Mbps Auto-Negotiation Gigabit Copper: 10/100/1000 Mbps, Auto-Negotiation, SFP: Up to 1000 Mbps
Mechanism
Enclosure IP30, metal shell with solid mounting kits Dimensions (W x H x D) 79 x 152 x 105 mm Mounting DIN-rail, wall
Power
Power Consumption Power Input Fault Output Max. 10.7 W 12~ 48 VDC, redundant dual inpuds 1 Relay Output 4,000 VDC 3,000 VDC Present 3.5 A @ 12 VDC (Fuse) -10 ~ 60 C (14 ~ 140 F) -40 ~ 75 C (-40 ~ 167 F) -40 ~ 85 C (-40 ~ 185 F) 5 ~ 95% (non-condensing) 0 ~ 95% (non-condensing) 295,000 hours UL 60950-1, CAN/CSA-C22.2 No.60950 EU: EN55011, EN61000-6-4, EN55022 Class A, EN61000-3-2/3, EN55024, IEC61000-4-2/3/4/5/6/8, EN61000-6-2 IEC60068-2-27 IEC60068-2-32 IEC60068-2-6
Protection
ESD (Ethernet) Surge (EFT for power) Power Reverse Overload
Interface
Connectors LED Indicators 16 x RJ-45 (Ethernet) 2 x RJ-45/SFP (mini-GBIC) combo ports 6-pin removable screw terminal (Power&Relay) System: PWR, PWR1, PWR2, R.M., P-Fail Ethernet: Link/Activity, Duplex/Collision Gigabit Copper: Link/Activity, Speed (1000Mbps) SFP: Link/Activity RS-232 (RJ-45) Port Mirroring, Real-time traffic statistic, MAC Address Table, SNTP, Syslog, E-Mail Alert, SNMP Trap, RMON IEEE 802.1Q, GVRP, Port-based VLAN Web browser, Telnet, Serial consloe, TFTP, SNMPv1/ v2c/v3, Port Speed/Duplex Configuration ADVANTECH X-Ring (Recovery time < 10ms at 30pcs full loading ring structure), Dual Homing, Couple Ring, 802.1w/D RSTP/STP IP Access security, port security, DHCP Server, Port and IP Binding, 802.1X Port Access Control IGMP Snooping/Query for multicast group management Port Trunking, Static/802.3ad LACP Rate limit and storm control IEEE 802.1p QoS CoS/TOS/DSCP priority queuing IEEE 802.3x flow control
Environment
Operating Temperature Wide Temp. Model Storage Temperature Operating Humidity Storage Humidity MTBF
Console
Network Management
Diagnostics VLAN Configuration Redundancy Security Traffic Control
Certifications
Safety EMC Shock Freefall Vibration
Ordering Information
EKI-7656C EKI-7656CI 16+2G Giga Managed Ethernet Switch 16+2G Giga Managed Ethernet Switch w/ Wide Temp
Industrial Ethernet Solutions


▲Up To Search▲   

 
Price & Availability of EKI-7656CI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X